Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download APXE4R0ARA122MHC0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount npcap tm - pxe series ? super low esr, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte. (esr and rated ripple current values are improved from pxa series.) ? rated voltage range : 2.5 to 16v dc , capacitance range : 33 to 2,700f ? suitable for dc-dc converters, voltage regulators and decoupling applications used on computer motherboards etc. ? solvent resistant type (see precautions and guidelines) ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +105 rated voltage range 2.5 to 16v dc capacitance tolerance 20% (m) (at 20 , 120hz) surge voltage rated voltage 1.15 (at 105 ) leakage current shall not exceed values shown in standard ratings. (at 20 after 2 minutes) dissipation factor (tan  ) 0.12 max. (at 20 , 120hz) low temperature characteristics (max. impedance ratio) z(-25 )/z(+20 ) Q 1.15 z(-55 )/z(+20 ) Q 1.25 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after the rated voltage is applied for 15,000 hours at 105 . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to the dc rated voltage at 60 , 90 to 95% rh for 1,000 hours. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value surge voltage the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage speci?ed at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value failure rate 0.5% per 1,000 hours maximum (con?dence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105. dimensions [mm] d 0.5 b 0.2 c 0.2 l 0.3 (note) (note) l 0.5 for ha0, hc0, ja0, jc0 0.3max. a 0.2 w p size code e61 f61 f80 h70 h80 ha0 hc0 j80 ja0 jc0 d 5 6.3 6.3 8 8 8 8 10 10 10 l 5.8 5.8 7.7 6.7 7.7 10.0 12.0 7.7 10.0 12.2 a 5.3 6.6 6.6 8.3 8.3 8.3 8.3 10.3 10.3 10.3 b 5.3 6.6 6.6 8.3 8.3 8.3 8.3 10.3 10.3 10.3 c 5.9 7.2 7.2 9.0 9.0 9.0 9.0 11.0 11.0 11.0 w 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 p 1.4 1.9 1.9 3.1 3.1 3.1 3.1 4.5 4.5 4.5 t er minal code : a part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 47f:470,100f:101) taping code terminal code voltage code (ex. 6.3v:6r3,10v:100) series code category a p x e a r a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 p leas e ref er t o "product code guide (conducti v e poly mer t ype) " lower esr pxe lower esr pxa p42 pxf p38 marking e 49a 390 2.5 v ex) 2.5v390f 40 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors
surface mount npcap tm - pxe series standard ratings wv (v dc ) cap (f) size code leakage current (a max./after 2min.) esr (m 
max./20 ? , 100k to 300khz) rated ripple current (marms/105 ? , 100khz) part no. 2.5 180 e61 90.0 21 2,670 apxe2r5ara181me61g 390 f61 195 15 3,160 apxe2r5ara391mf61g 470 f80 235 13 3,600 apxe2r5ara471mf80g 560 f80 280 13 3,600 apxe2r5ara561mf80g 560 h70 280 13 4,100 apxe2r5ara561mh70g 680 h70 340 13 4,100 apxe2r5ara681mh70g 820 h80 410 12 4,260 apxe2r5ara821mh80g 820 hc0 410 9 5,400 apxe2r5ara821mhc0g 1,000 h80 500 12 4,260 apxe2r5ara102mh80g 1,200 j80 600 13 4,450 apxe2r5ara122mj80g 1,500 ha0 750 10 5,220 apxe2r5ara152mha0g 1,500 hc0 750 9 5,400 apxe2r5ara152mhc0g 2,200 ja0 1,100 10 5,500 apxe2r5ara222mja0g 2,700 jc0 1,350 9 5,600 apxe2r5ara272mjc0g 4 100 e61 80.0 22 2,610 apxe4r0ara101me61g 150 e61 120 22 2,610 apxe4r0ara151me61g 270 f61 216 15 3,160 apxe4r0ara271mf61g 330 f61 264 15 3,160 apxe4r0ara331mf61g 390 f80 312 14 3,470 apxe4r0ara391mf80g 470 h70 376 14 3,950 apxe4r0ara471mh70g 560 h70 448 14 3,950 apxe4r0ara561mh70g 680 h80 544 13 3,950 apxe4r0ara681mh80g 1,000 ha0 800 10 5,220 apxe4r0ara102mha0g 1,000 j80 800 14 4,300 apxe4r0ara102mj80g 1,200 hc0 960 9 5,400 APXE4R0ARA122MHC0G 1,200 ja0 960 10 5,500 apxe4r0ara122mja0g 1,500 ja0 1,200 10 5,500 apxe4r0ara152mja0g 1,800 ja0 1,440 10 5,500 apxe4r0ara182mja0g 1,800 jc0 1,440 9 5,600 apxe4r0ara182mjc0g 6.3 100 e61 126 24 2,500 apxe6r3ara101me61g 120 e61 151 24 2,500 apxe6r3ara121me61g 220 f61 277 15 3,160 apxe6r3ara221mf61g 270 f80 340 14 3,470 apxe6r3ara271mf80g 330 f80 415 14 3,470 apxe6r3ara331mf80g 330 h70 415 14 3,950 apxe6r3ara331mh70g 390 h70 491 14 3,950 apxe6r3ara391mh70g 470 h80 592 13 3,950 apxe6r3ara471mh80g 820 ha0 1,030 12 4,770 apxe6r3ara821mha0g 820 hc0 1,030 10 5,150 apxe6r3ara821mhc0g 820 j80 1,030 14 4,300 apxe6r3ara821mj80g 1,200 ja0 1,510 12 5,025 apxe6r3ara122mja0g 1,500 ja0 1,890 12 5,025 apxe6r3ara152mja0g 1,500 jc0 1,890 10 5,500 apxe6r3ara152mjc0g 10 47 e61 94.0 28 2,310 apxe100ara470me61g 56 e61 112 28 2,310 apxe100ara560me61g 68 e61 136 28 2,310 apxe100ara680me61g 120 f61 240 25 2,530 apxe100ara121mf61g 150 f80 300 21 2,880 apxe100ara151mf80g 220 h70 440 21 3,220 apxe100ara221mh70g 270 h70 540 21 3,220 apxe100ara271mh70g 330 h80 660 19 3,390 apxe100ara331mh80g 390 ha0 780 17 4,000 apxe100ara391mha0g 470 j80 940 19 3,800 apxe100ara471mj80g 680 ja0 1,360 13 4,820 apxe100ara681mja0g 16 33 e61 105 35 2,070 apxe160ara330me61g 39 e61 124 35 2,070 apxe160ara390me61g 68 f61 217 28 2,390 apxe160ara680mf61g 82 f80 262 24 2,700 apxe160ara820mf80g 100 f80 320 24 2,700 apxe160ara101mf80g 100 h70 320 24 3,010 apxe160ara101mh70g 120 h70 384 24 3,010 apxe160ara121mh70g 150 h80 480 22 3,150 apxe160ara151mh80g 180 ha0 576 18 3,890 apxe160ara181mha0g 220 ha0 704 18 3,890 apxe160ara221mha0g 220 j80 704 22 3,450 apxe160ara221mj80g 330 ja0 1,050 16 4,350 apxe160ara331mja0g 41 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors


▲Up To Search▲   

 
Price & Availability of APXE4R0ARA122MHC0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X